PART |
Description |
Maker |
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
0008550105 08-55-0105 2578 |
3.96mm (.156) Pitch KK? Crimp Terminal 2578, 22-26 AWG, Reel, Brass, 0.38μm (15μ) Selective Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2578, 22-26 AWG, Reel, Brass, 0.38楼矛m (15楼矛") Selective Gold (Au) MOLEX Connector
|
Molex Electronics Ltd.
|
94030-3890 |
FEM TERM 6.3/0.8 BRS UNPL 05-1 1 mm2, BRASS, PUSH-ON TERMINAL
|
Molex, Inc.
|
02-09-1123 |
093 Female Term Loose Tin 18-22 BRASS, WIRE TERMINAL
|
Molex, Inc.
|
0039000286 |
3.96mm (.156) Pitch KK? Crimp Terminal 2478, 18-24 AWG, Reel, Brass, 0.9μm (35μ) Pre-Plated Gold (Au) 3.96mm (.156") Pitch KK垄莽 Crimp Terminal 2478, 18-24 AWG, Reel, Brass, 0.9楼矛m (35楼矛") Pre-Plated Gold (Au)
|
Molex Electronics Ltd.
|
08-50-0106 2478-1-L 0008500106 |
3.96mm (.156) Pitch KK? Crimp Terminal 2478, 18-24 AWG, Bag, Brass Tin (Sn)
|
Molex Electronics Ltd.
|
0357303130 |
3.96mm (.156) Diameter Pin Terminal, Brass, 0.40mm (.016) Thickness, Wire Range 14-20 AWG (2.00-0.52mm2), Flash Au Plated 3.96mm (.156") Diameter Pin Terminal, Brass, 0.40mm (.016") Thickness, Wire Range 14-20 AWG (2.00-0.52mm虏), Flash Au Plated
|
Molex Electronics Ltd.
|
35730-3010 |
3.96mm (.156) Diameter Pin Terminal, Brass, 0.50mm (.020) Thickness, Wire Range 14-20 AWG (2.00-0.52mm2), Post-Tin Plated
|
Molex Electronics Ltd.
|
2024D-8 1309Z-12 1309Z-14 1309Z-16 1250B-1 1250B-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
1470A-32-5 1471A-9-5 1492C-17-5 1470E-35-5 1470H-1 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
|